Part Number Hot Search : 
X9319UP8 AO6400 A112M RD43FF06 JSCB3 DR4000 041MR V175ME10
Product Description
Full Text Search
 

To Download ZXTP25100BFH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ZXTP25100BFH document number: ds33757 rev. 2 - 2 1 of 7 www.diodes.com april 2018 ? diodes incorporated ZXTP25100BFH 10 0 v pnp medium power transistor in sot23 features ? bv ceo > - 10 0 v ? bv e c o > - 7 v ? i c = - 2 a continuous collector current ? v ce( sat ) < - 130 mv @ - 1a ? r ce( sat ) = 108 m ? t ypical ? p d = 1.25w ? high p eak c urrent ? complementary p art n umber zxtn 25 10 0 b f h ? totally lead - free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3) ? qualified to aec - q101 standards for high reliability mechanical data ? case: sot 23 ? case material: molded plastic, green molding compound . ul flammability classification rating 94v - 0 ? moisture sen sitivity: level 1 per j - std - 020 ? terminals: finish C matte tin plated leads, s olderabl e pe r mil - std - 202, method 208 ? weight: 0.008 grams (approximate) applications ? mosfet and igbt g at e d riving ? dc - dc c onverters ? motor d rive ? relay, l amp and s olenoid d rive ordering information (note 4 ) p art number marking reel s ize (inches) tape w idth (mm) quantity p er r eel zxtp2 5100bfh ta 056 7 8 3,000 notes: 1. no purposely added lead. fully eu directive 2002/95/ec (rohs), 2011/65/eu (rohs 2) & 2015/863/eu (rohs 3) compliant. 2. see https://www.diodes.com/quality/lead - free/ for more information about diodes incorporateds definitions of halogen - and antimony - free, "green" and lead - free. 3. halogen - and antimony - free "gree n products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes - packaging/ . marking information 056 = product type marking code top view sot23 device symbol top view pin - out 056 c e b 1g5
ZXTP25100BFH document number: ds33757 rev. 2 - 2 2 of 7 www.diodes.com april 2018 ? diodes incorporated ZXTP25100BFH absolute maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit collector - base voltage v cbo - 140 v collector - emitter voltage ( f orward b locking ) v ceo - 100 v emitter - c ollector v oltage ( r everse b locking) v ec o - 7 v emitter - base voltage v ebo - 7 v continuous collector current (note 5) i c - 2 a peak pulse current i cm - 5 a thermal characteristics ( @t a = + 25c , unless otherwise specified .) characteristic symbol value unit power dissipation linear d erating f actor (note 5 ) p d 0.73 5.84 w (note 6 ) 1.05 8.4 (note 7 ) 1.25 9.6 (note 8 ) 1.81 14.5 thermal resistance, junction to ambient (note 5 ) r ja 171 ? ? j l 74.95 ? ? j, t stg - 55 to + 150 ? notes: 5. for a device surface mounted on 15mm x 15mm x 1.6mm fr - 4 pcb with high coverage of single sided 1oz copper, in still air conditions ; the device is measured when operating in a steady - state condition. 6. same as note ( 5 ), except the device is surface m ounted on 25mm x 25mm with 2 oz copper . 7. same as note ( 5 ), except the device is surface m ounted on 50mm x 50mm with 2 oz copper . 8. same as note (6), except the device is mea sured at t<5secs . 9. thermal resistance from junction to solder - point (at the e nd of the collector lead). esd ratings (note 10 ) characteristic symbol value unit jedec class electrostatic discharge - human body model esd hbm 4,000 v 3 a electrostatic discharge - machine model esd mm 400 v c note: 10 . refer to jedec specification jesd22 - a114 and jesd22 - a115.
ZXTP25100BFH document number: ds33757 rev. 2 - 2 3 of 7 www.diodes.com april 2018 ? diodes incorporated ZXTP25100BFH thermal characteristics and derating information 100m 1 10 10m 100m 1 10 50mm x 50mm 2oz single pulse t a =25 o c v ce(sat) limited 100 ? s 1ms 10ms 100ms 1s dc safe operating area -i c collector current (a) -v ce collector-emitter voltage (v) 0 20 40 60 80 100 120 140 160 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 50mm x 50mm 2oz 15mm x 15mm 1oz derating curve temperature ( o c) max power dissipation (w) 25mm x 25mm 2oz 100 1m 10m 100m 1 10 100 1k 0 20 40 60 80 100 t a =25 o c 50mm x 50mm 2oz transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance ( o c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 1 10 100 single pulse t a =25 o c 50mm x 50mm 2oz pulse power dissipation pulse width (s) maximum power (w)
ZXTP25100BFH document number: ds33757 rev. 2 - 2 4 of 7 www.diodes.com april 2018 ? diodes incorporated ZXTP25100BFH electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition collector - base breakdown voltage b v cbo - 140 - 165 c = - 100 a collector - e mitte r breakdown voltage (note 11 ) b v ceo - 100 - 125 c = - 1 0 ma collector - emitter breakdown voltage bv ce x - 140 - 165 e = - 100a , r bc < 1k or b e < 1v emitter - base breakdown voltage b v ebo - 7 - 8. 2 e = - 10 0 a collector - base cutoff current i cbo v cb = - 112 v a v cb = - 112 v, t a = + 100c emitter - base cutoff current i ebo eb = - 5.6v static forward current transfer ratio (note 11 ) h fe 1 00 20 0 3 00 c = - 1 0 ma, v ce = - 2 v 55 105 c = - 1a, v ce = - 2 v 15 25 c = - 2 a, v ce = - 2 v collector - emitter saturation voltage (note 11 ) v ce( sat ) - 60 - 90 mv i c = - 0.5 a, i b = - 5 0 ma c = - 0.5 a, i b = - 1 0 ma c = - 1 a, i b = - 100 ma i c = - 2 a, i b = - 200 ma base - emitter saturation voltage (note 11 ) v be( sat ) c = - 2 a, i b = - 200 ma base - emitter voltage (note 11 ) v be( on ) c = - 2 a, v ce = - 2 v output capacitance c obo cb = - 1 0v, f = 1mhz transition frequency f t ce = - 5 v, i c = - 10 0ma, f = 10 0mhz turn - on time t ( on ) cc = - 10 v, i c = - 50 0ma, i b1 = - i b2 = - 50 ma turn - off time t ( off ) note : 11 . measured under pulsed conditions. pulse width 300s. duty cycle 2% .
ZXTP25100BFH document number: ds33757 rev. 2 - 2 5 of 7 www.diodes.com april 2018 ? diodes incorporated ZXTP25100BFH typical electrical characteristics (@ t a = +25c, unless otherwise specified.)
ZXTP25100BFH document number: ds33757 rev. 2 - 2 6 of 7 www.diodes.com april 2018 ? diodes incorporated ZXTP25100BFH package outline dimensions please see http://www.diodes.com/package - outlines.html for the latest version. sot23 suggested pad layout please see http://www.diodes.com/package - outlines.html for the latest version. sot23 sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0.890 1.00 0.975 k1 0.903 1.10 1.025 l 0.45 0.61 0.55 l1 0.25 0.55 0.40 m 0.085 0.150 0.110 a 0 8 -- all dimensions in mm dimensions value (in mm) c 2.0 x 0.8 x1 1.35 y 0.9 y1 2.9 j k1 k l1 gauge plane 0.25 h l m all 7 a c b d g f a x y y1 c x1
ZXTP25100BFH document number: ds33757 rev. 2 - 2 7 of 7 www.diodes.com april 2018 ? diodes incorporated ZXTP25100BFH important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of th is document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthor ized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product name s and markings noted herein may also be covered by one or more united states, international or foreig n trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorpora ted products are specifically not authorized for use as critical components in life support devices or systems without the ex press written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incor porated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 8 , diodes inco rporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZXTP25100BFH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X